Part Number Hot Search : 
001AC 05E21 IXD611S7 M304206 P1000 SNC26200 USD4040S D13001
Product Description
Full Text Search
 

To Download SL74HC109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL74HC109 Dual J -K Flip-Flop with Set and Reset
High-Performance Silicon-Gate CMOS
The SL74HC109 is identical in pinout to the LS/ALS109. The device inputs are compatible with standard CMOS outputs, with pullup resistors, they are compatible with LS/ALSTTL outputs. This device consists of two J-K flip-flops with individual set, reset, and clock inputs. Changes at the inputs are reflected at the outputs with the next low-to-high transition of the clock. Both Q to Q outputs are available from each flip-flop. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC109N Plastic SL74HC109D SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE Inputs Set L H L H H H H PIN 16=VCC PIN 8 = GND H Reset H L L H H H H H L Clock X X X J X X X L H L H X K X X X L L H H X Outputs Q H L H
*
Q L H H
*
L
H Toggle
No Change H L
No Change
X = Don't care * Both outputs will remain high as long as Set and Reset are low, but the output states are unpredictable if Set and Reset go high simultaneously.
SLS
System Logic Semiconductor
SL74HC109
MAXIMUM RATINGS* Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5
20 25 50
Unit V V V mA mA mA mW
C C
750 500 -65 to +150 260
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/ C from 65 to 125 C SOIC Package: : - 7 mW/ C from 65 to 125 C
RECOMMENDED OPERATING CONDITIONS Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V
C
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND (VIN or VOUT) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC). Unused outputs must be left open.
SLS
System Logic Semiconductor
SL74HC109
D C E L E C T R I C A L C H A R A C T E R I S T I C S (Voltages Referenced to GND) VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26
0.1 85 C 125 C
Unit
VIH
Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33
1.0
1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4
1.0
V
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 4.0 mA IOUT 5.2 mA
V
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0 A
A A
4.0
40
80
SLS
System Logic Semiconductor
SL74HC109
A C E L E C T R I C A L C H A R A C T E R I S T I C S (CL=50pF,Input tr=tf=6.0 ns) VCC Symbol fmax Parameter Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Maximum Propagation Delay, Clock to Q or Q (Figures 1 and 4) Maximum Propagation Delay , Set or Reset to Q or Q (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Power Dissipation Capacitance (Per Flip-Flop) CPD Used to determine the no-load dynamic power 2 consumption: PD=CPDVCC f+ICCVCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55 C 6 30 35 175 35 30 230 46 39 75 15 13 10
85 C 125 C
Unit MHz
4.8 24 28 220 44 37 290 58 49 95 19 16 10
4.0 20 24 265 53 45 345 69 59 110 22 19 10
tPLH, tPHL
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
Typical @25 C,VCC=5.0 V 40 pF
T I M I N G R E Q U I R E M E N T S (CL=50pF,Input tr=tf=6.0 ns) VCC Symbol tSU Parameter Minimum Setup Time, J or K to Clock (Figure 3) Minimum Hold Time, Clock to J or K (Figure 3) Minimum Recovery Time, Set or Reset Inactive to Clock (Figure 2) Minimum Pulse Width, Set or Reset (Figure 2) Minimum Pulse Width,Clock (Figure 1) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55 C 100 20 17 5 5 5 5 5 5 80 16 14 80 16 14 1000 500 400
85 C 125 C
Unit ns
125 25 21 5 5 5 5 5 5 100 20 17 100 20 17 1000 500 400
150 30 26 5 5 5 5 5 5 12 24 20 12 24 20 1000 500 400
th
ns
trec
ns
tw
ns
tw
ns
tr, tf
ns
SLS
System Logic Semiconductor
SL74HC109
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL74HC109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X